Electronic Components Datasheet Search
  English  ▼

X  

74AHC273 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AHC273
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC273 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AHC273 Datasheet HTML 9Page - NXP Semiconductors 74AHC273 Datasheet HTML 10Page - NXP Semiconductors 74AHC273 Datasheet HTML 11Page - NXP Semiconductors 74AHC273 Datasheet HTML 12Page - NXP Semiconductors 74AHC273 Datasheet HTML 13Page - NXP Semiconductors 74AHC273 Datasheet HTML 14Page - NXP Semiconductors 74AHC273 Datasheet HTML 15Page - NXP Semiconductors 74AHC273 Datasheet HTML 16Page - NXP Semiconductors 74AHC273 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1999 Sep 01
13
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset;
positive-edge trigger
74AHC273; 74AHCT273
handbook, full pagewidth
MNA202
GND
GND
th
th
tsu
tsu
VM
(1)
VM
(1)
VM
(1)
VI
VI
Qn OUTPUT
CP INPUT
Dn INPUT
Fig.8 The data set-up and hold times for the data input (Dn).
The shaded areas indicate when the input is permitted to change for predicable output performance.
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.9 Load circuitry for switching times.
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA183
D.U.T.
CL
RT
1000
Ω
PULSE
GENERATOR
S1
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
Definitions for test circuit.
CL = load capacitance including jig and probe capacitance (See Chapter “AC characteristics”).
RL = load resistance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com