Electronic Components Datasheet Search
  English  ▼

X  

CMB1304 Datasheet(PDF) 28 Page - Cree LED

Part # CMB1304
Description  XLamp® CMB1304 LED
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1304 Datasheet(HTML) 28 Page - Cree LED

Back Button CMB1304 Datasheet HTML 23Page - Cree LED CMB1304 Datasheet HTML 24Page - Cree LED CMB1304 Datasheet HTML 25Page - Cree LED CMB1304 Datasheet HTML 26Page - Cree LED CMB1304 Datasheet HTML 27Page - Cree LED CMB1304 Datasheet HTML 28Page - Cree LED CMB1304 Datasheet HTML 29Page - Cree LED CMB1304 Datasheet HTML 30Page - Cree LED CMB1304 Datasheet HTML 31Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
XLAMP® CMB1304 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and EasyWhite® are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS279
REV 0
28
THERMAL DESIGN - CONTINUED
CMB1304-18V
0.01
0.10
1.00
10.00
100.00
100
150
200
250
300
350
400
450
500
550
600
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C
18 V
CMB1304-36V
0.01
0.10
1.00
10.00
100.00
50
75
100
125
150
175
200
225
250
275
300
Current (mA)
Ta = 25 °C
Ta = 55 °C
Ta = 85 °C
Ta = 105 °C
36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com