Electronic Components Datasheet Search
  English  ▼

X  

MA250DMFM Datasheet(PDF) 1 Page - 3M Electronics

Part # MA250DMFM
Description  Adapter Disconnect, Male-Female, Non-Insulated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MA250DMFM Datasheet(HTML) 1 Page - 3M Electronics

  MA250DMFM Datasheet HTML 1Page - 3M Electronics MA250DMFM Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotchlok™ Terminals
MA250DMFM and MA250DMMF
Adapter Disconnect, Male-Female,
Non-Insulated
Data Sheet
Specifications
Maximum Operating Temp.:
482˚F (250˚C)
Maximum Current:
30 Amps
Terminal Material:
Brass
MA250DMFM Plating:
Tin
MA250DMMF Plating:
None
The separable connection formed by the Adapter and
the mating connector(s) may require a suitable strain
relief to prevent accidental separation.
LISTED 314R
UNDERWRITERS
LABORATORIES
STANDARD NO. UL 486A
3M FILE NO. E23438
CANADIAN STANDARDS
ASSOCIATION
STANDARD NO. 22.2
NO. 0, 65
3M FILE NO. LR22190
*Not UL Listed or CSA Certified
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.
r
e
b
m
u
N
t
c
u
d
o
r
P
h
t
i
w
s
e
t
a
M
e
l
a
M
&
e
l
a
m
e
F
)
´
W
(
h
t
d
i
W
s
s
e
n
k
c
i
h
T
xL
*
M
F
M
D
0
5
2
A
M2
3
0
.
0
x
0
5
2
.
08
7
.
0
F
M
M
D
0
5
2
A
M2
3
0
.
0
x
0
5
2
.
06
7
.
0
W´
W´
W´
L
W´
W´
W
L
MA250DMFM*
MA250DMMF


Similar Part No. - MA250DMFM

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA250 EXTECH-MA250 Datasheet
274Kb / 1P
200A AC Clamp Meter NCV
logo
Taoglas antenna solutio...
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001 Datasheet
13Mb / 62P
Ideal for IoT and Automotive Applications
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001_17 Datasheet
5Mb / 62P
Sentinel 3in1 Adhesive Mount 2*LTE MIMO & GNSS Antenna
logo
List of Unclassifed Man...
MA2506H ETC2-MA2506H Datasheet
439Kb / 1P
DC AXIAL FANS
MA2506L ETC2-MA2506L Datasheet
439Kb / 1P
DC AXIAL FANS
More results

Similar Description - MA250DMFM

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D18-250 PANDUIT-D18-250 Datasheet
572Kb / 1P
NON-INSULATED, SLEEVED BARREL FEMALE DISCONNECT (.250 SERIES)
D18-188 PANDUIT-D18-188 Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-250MB PANDUIT-D18-250MB Datasheet
46Kb / 1P
NON-INSULATED MALE DISCONNECT .250 X .032 (6.35 X 0.8)
D10-250M PANDUIT-D10-250M Datasheet
60Kb / 1P
12-10 .250 TAB NON-INSULATED MALE DISCONNECT
logo
Molex Electronics Ltd.
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
InsulKrimp??Female Fully Insulated Quick Disconnect
0196001302 MOLEX4-0196001302 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
logo
PANDUIT CORP.
D18-145M PANDUIT-D18-145M Datasheet
67Kb / 1P
NON-INSULATED MALE TAB
D18-188B PANDUIT-D18-188B Datasheet
51Kb / 1P
NON-INSULATED FEMALE DISCONNECT, BUTTED SEAM
D18-250B PANDUIT-D18-250B Datasheet
47Kb / 1P
NON-INSULATED FEMALE DISCONNECT(BUTTED SEAM)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com