Electronic Components Datasheet Search
  English  ▼

X  

TLP240GAF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP240GAF
Description  Photocouplers Photorelay
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240GAF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP240GAF Datasheet HTML 1Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 2Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 3Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 4Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 5Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 6Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 7Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 8Page - Toshiba Semiconductor TLP240GAF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLP240GA,TLP240GAF
5
12.
12.
12.
12. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 400 V
V = 0 V, f = 1 MHz
Min
1.1
Typ.
1.27
50
80
Max
1.4
10
1000
Unit
V
µA
pF
nA
pF
13.
13.
13.
13. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
(Note 1)
Test Condition
ION = 120 mA
IOFF = 10 µA
ION = 120 mA, IF = 5 mA, t < 1 s
ION = 120 mA, IF = 5 mA, Continuous
Min
0.1
Typ.
0.6
17
22
Max
3
28
35
Unit
mA
Ω
Note 1: Thermally saturated state.
14.
14.
14.
14. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
Min
1012
5000
Typ.
0.8
1014
Max
Unit
pF
Ω
Vrms
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
15.
15.
15.
15. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 15.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
Min
Typ.
0.6
0.2
Max
2
1
Unit
ms
Fig.
Fig.
Fig.
Fig. 15.1
15.1
15.1
15.1 Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
2020-02-04
Rev.8.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com