Electronic Components Datasheet Search
  English  ▼

X  

TLP241BF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP241BF
Description  Photocouplers Photorelay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP241BF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP241BF Datasheet HTML 1Page - Toshiba Semiconductor TLP241BF Datasheet HTML 2Page - Toshiba Semiconductor TLP241BF Datasheet HTML 3Page - Toshiba Semiconductor TLP241BF Datasheet HTML 4Page - Toshiba Semiconductor TLP241BF Datasheet HTML 5Page - Toshiba Semiconductor TLP241BF Datasheet HTML 6Page - Toshiba Semiconductor TLP241BF Datasheet HTML 7Page - Toshiba Semiconductor TLP241BF Datasheet HTML 8Page - Toshiba Semiconductor TLP241BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLP241B,TLP241BF
1
Photocouplers Photorelay
TLP241B,TLP241BF
Start of commercial production
2020-12
1. Applications
•
Mechanical relay replacements
•
Security Systems
•
Heating, ventilation and air conditioning (HVAC)
•
ATE (Automatic Test Equipment)
•
Factory Automation (FA)
•
Battery Management System (BMS) (Non-Automotive)
2. General
The TLP241B and TLP241BF photorelay consist of a photo MOSFET optically coupled to an infrared light emitting
diode. They are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them
suitable for applications that require reinforced insulation.
3. Features
(1)
Halogen-free
For details, see "Devices in Halogen-Free Resin Packages" at the end of this datasheet.
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 100 V (min)
(4)
Trigger LED current: 3 mA (max)
(5)
ON-state current: 2.0 A (max)
(6)
ON-state resistance: 200 mΩ
(7)
Isolation voltage: 5000 Vrms (min)
(8)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5 (Note 1)
Note 1: When an EN 60747-5-5 approved type is needed, please designate the Option (D4).
4. Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP241B
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP241BF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2020-12-02
Rev.1.0
©2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP241BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP241A TOSHIBA-TLP241A Datasheet
430Kb / 19P
Photocouplers Photorelay
17-Feb-2020
TLP241AD4 TOSHIBA-TLP241AD4 Datasheet
430Kb / 19P
Photocouplers Photorelay
17-Feb-2020
TLP241AD4LF4 TOSHIBA-TLP241AD4LF4 Datasheet
430Kb / 19P
Photocouplers Photorelay
17-Feb-2020
TLP241AD4TP4 TOSHIBA-TLP241AD4TP4 Datasheet
430Kb / 19P
Photocouplers Photorelay
17-Feb-2020
More results

Similar Description - TLP241BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com