Electronic Components Datasheet Search
  English  ▼

X  

TLP351AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP351AF
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP351AF Datasheet HTML 2Page - Toshiba Semiconductor TLP351AF Datasheet HTML 3Page - Toshiba Semiconductor TLP351AF Datasheet HTML 4Page - Toshiba Semiconductor TLP351AF Datasheet HTML 5Page - Toshiba Semiconductor TLP351AF Datasheet HTML 6Page - Toshiba Semiconductor TLP351AF Datasheet HTML 7Page - Toshiba Semiconductor TLP351AF Datasheet HTML 8Page - Toshiba Semiconductor TLP351AF Datasheet HTML 9Page - Toshiba Semiconductor TLP351AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLP351A,TLP351AF
6
12.
12.
12.
12. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100 
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Rise time
Fall time
Pulse width distortion
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
tr
tf
|tpHL-tpLH|
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Test
Circuit
Fig.
13.1.7
Fig.
13.1.8
Test Condition
IF = 0 → 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 0 → 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 5 → 0 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
IF = 0 ←→ 5 mA, VCC = 30 V,
Rg = 47 Ω, Cg = 3 nF
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 30 V, Ta = 25 ,
VO(min) = 26 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 30 V, Ta = 25 ,
VO(max) = 1 V
Min
30
30
±20
±20
Typ.
50
50
±25
±25
Max
500
500
350
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: Input signal ( f = 25 kHz, duty = 50 %, tr = tf = 5 ns or less ).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 26 V).
Note 3: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 1 V).
2015-12-09
Rev.5.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com