Electronic Components Datasheet Search
  English  ▼

X  

74AHCT32 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT32
Description  Quad 2-input OR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT32 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT32 Datasheet HTML 1Page - NXP Semiconductors 74AHCT32 Datasheet HTML 2Page - NXP Semiconductors 74AHCT32 Datasheet HTML 3Page - NXP Semiconductors 74AHCT32 Datasheet HTML 4Page - NXP Semiconductors 74AHCT32 Datasheet HTML 5Page - NXP Semiconductors 74AHCT32 Datasheet HTML 6Page - NXP Semiconductors 74AHCT32 Datasheet HTML 7Page - NXP Semiconductors 74AHCT32 Datasheet HTML 8Page - NXP Semiconductors 74AHCT32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 27
3
Philips Semiconductors
Product specification
Quad 2-input OR gate
74AHC32; 74AHCT32
ORDERING INFORMATION
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC32D
74AHC32D
14
SO
plastic
SOT108-1
74AHC32PW
74AHC32PW DH
14
TSSOP
plastic
SOT402-1
74AHCT32D
74AHCT32D
14
SO
plastic
SOT108-1
74AHCT32PW
74AHCT32PW DH
14
TSSOP
plastic
SOT402-1
Fig.1 Pin configuration.
handbook, halfpage
MNA240
32
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
3Y
3A
3B
4Y
4A
4B
VCC
Fig.2 Logic diagram (one gate).
handbook, halfpage
MNA241
A
B
Y
Fig.3 Functional diagram.
handbook, halfpage
MNA242
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig.4 IEC logic symbol.
handbook, halfpage
MNA243
3
≥ 1
≥ 1
≥ 1
≥ 1
2
1
6
5
4
8
10
9
11
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com