Electronic Components Datasheet Search
  English  ▼

X  

CA53 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CA53
Description  Cascadable Amplifier 10 to 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CA53 Datasheet(HTML) 1 Page - Tyco Electronics

  CA53 Datasheet HTML 1Page - Tyco Electronics CA53 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
10 to 500 MHz
A53/ SMA53
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-600
10-500
10-500
Small Signal Gain (min)
dB
15.0
14.0
13.5
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
3.0
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
3.5
2.0
1.5
IP3
dBm
+16
IP2
dBm
+22
Second Order Harmonic IP
dBm
+28
VSWR Input / Output (max)
1.5:1 / 1.5:1
2.0:1 / 2.0:1
2.1:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
12
15
17
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE: 3.0 dB (TYP.)
• MEDIUM THIRD ORDER I.P.: +16 dBm (TYP.)
• MEDIUM GAIN 15 dB (TYP.)
Description
The A53 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A53
TO-8
SMA53
Surface Mount
CA53
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.111 W
Junction Temperature Rise
Above Case Tjc
5ºC
* Over temperature performance limits for part number CA53, guaranteed from 0
oC to +50oC only.


Similar Part No. - CA53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA531 MACOM-CA531 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA531 MA-COM-CA531 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
SHIELD s.r.l.
CA5383A2T SHIELD-CA5383A2T Datasheet
95Kb / 1P
For electrovalves, with current amplifier, female, with cable
More results

Similar Description - CA53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com