Electronic Components Datasheet Search
  English  ▼

X  

CA71 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CA71
Description  Cascadable Amplifier 5 to 200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CA71 Datasheet(HTML) 1 Page - Tyco Electronics

  CA71 Datasheet HTML 1Page - Tyco Electronics CA71 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
5 to 200 MHz
A71/ SMA71
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-300
5-200
5-200
Small Signal Gain (min)
dB
18.0
16.5
16.0
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
22
Noise Figure (max)
dB
2.1
2.5
2.8
Power Output
@ 1 dB comp. (min)
dBm
-2.5
-3.0
-3.5
IP3
dBm
+10
IP2
dBm
+11.5
Second Order Harmonic IP
dBm
+18.5
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
9
11
13
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE: 2.1 dB (TYP.)
• HIGH GAIN 18 dB (TYP.)
• LOW VSWR <1.4:1 (TYP.)
Description
The A71 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A71
TO-8
SMA71
Surface Mount
CA71
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+18 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.053 W
Junction Temperature Rise
Above Case Tjc
2ºC
* Over temperature performance limits for part number CA71, guaranteed from 0
oC to +50oC only.


Similar Part No. - CA71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA70-1 MACOM-CA70-1 Datasheet
356Kb / 2P
Cascadable Amplifier 10 to 250 MHz
CA70-3 MACOM-CA70-3 Datasheet
365Kb / 2P
Cascadable Amplifier 20 to 250 MHz
logo
Altech corporation
CA701-15/S ALTECH-CA701-15/S Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
CA701-15/S ALTECH-CA701-15/S Datasheet
1Mb / 1P
DOUBLE LEVEL TERMINAL BLOCKS
CA702 ALTECH-CA702 Datasheet
71Kb / 1P
CASP is a DIN Rail mountable spacer generally used for circuit separation
More results

Similar Description - CA71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0250 TELEDYNE-UTOUTC0250 Datasheet
167Kb / 6P
Thin-Film Cascadable Amplifier 5 to 200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com