Electronic Components Datasheet Search
  English  ▼

X  

CF5001SC Datasheet(PDF) 1 Page - Cvilux Corporation

Part # CF5001SC
Description  1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation

CF5001SC Datasheet(HTML) 1 Page - Cvilux Corporation

  CF5001SC Datasheet HTML 1Page - Cvilux Corporation CF5001SC Datasheet HTML 2Page - Cvilux Corporation CF5001SC Datasheet HTML 3Page - Cvilux Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CviLux
2014.11.14
CVILUX CORP
ISSUED


Similar Part No. - CF5001SC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
EcoFoamTM Conductive Foam
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
Crystal Oscillator Module ICs
CF5002LD NPC-CF5002LD Datasheet
95Kb / 9P
Crystal Oscillator Module ICs
More results

Similar Description - CF5001SC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358022439 MOLEX5-0358022439 Datasheet
148Kb / 3P
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 24 Circuits
0358021229 MOLEX5-0358021229 Datasheet
323Kb / 4P
1.00mm (.039") Pitch FFC/FPC Connector, Vertical, Non-ZIF, Yes, 12 Circuits
0520300529 MOLEX7-0520300529 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 5Circuits, Lead-free
0526102071 MOLEX7-0526102071 Datasheet
514Kb / 9P
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
0520302929 MOLEX7-0520302929 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 29Circuits, Lead-free
logo
Cvilux Corporation
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF31XX1D0XX-05-NH CVILUX-CF31XX1D0XX-05-NH Datasheet
780Kb / 3P
0.50mm(,0207) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22.02.17
CF35XXXD0RD-NH CVILUX-CF35XXXD0RD-NH Datasheet
232Kb / 3P
0.50mm(.020") ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.10.23
CF35XXXD0RE-NH CVILUX-CF35XXXD0RE-NH Datasheet
718Kb / 3P
0.50mm(.020”) ZIF FFC/FPC ONE-TOUCH CONNECTOR (Enhanced version)
20.05.28
CF61XXXD0XX-10-NH CVILUX-CF61XXXD0XX-10-NH Datasheet
246Kb / 3P
1.00mm(,039") ZF FFC/FPC ONE-TOUCH CONNECTOR
21.01.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com