Electronic Components Datasheet Search
  English  ▼

X  

BAV99L Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAV99L
Description  Diode Array 1 Pair Series Connection 75 V 215mA Surface Mount TO-236-3, SC-59, SOT-23-3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV99L Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAV99L Datasheet HTML 1Page - Diotec Semiconductor BAV99L Datasheet HTML 2Page - Diotec Semiconductor BAV99L Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV99, BAV99L, BAV199
Characteristics
Kennwerte
BAV99-C
BAV99/-Q/-AQ
BAV99L/-AQ
BAV199/
-Q/-AQ
Forward voltage
Durchlass-Spannung
1)
Tj = 25°C
IF =
1 mA
10 mA
50 mA
150 mA
VF
< 715 mV
< 855 mV
< 1.0 V
< 1.25 V
< 715 mV
< 855 mV
< 1.0 V
< 1.25 V
< 900 mV
< 1.0 V
< 1.1 V
< 1.25 V
Leakage current
Sperrstrom
1
)
Tj = 25°C
VR =
25 V
70 V
75 V
IR
−
< 2.5 µA
−
< 30 nA
−
< 1.0 µA
−
−
< 5 nA
Tj = 150°C
VR =
25 V
75 V
IR
< 30 µA
< 50 µA
< 30 µA
< 50 µA
−
< 80 nA
Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Cj
< 2 pF
< 2 pF
typ 2 pF
Reverse recovery time
Sperrverzug
IF = 10 mA über/through
IR = 10 mA bis/to IR = 1 mA
trr
< 6 ns
< 4 ns
< 3000 ns
Typical thermal resistance junction to ambient
Typischer Wärmewiderstand Sperrschicht-Umgebung
RthA
500 K/W 2)
357 K/W 2)
Dimensions - Maße [mm]
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on 3 mm2 copper pads per terminal – Montage auf 3 mm2 Kupferbelag (Lötpads) je Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10-2
10-1
1
T = 25°C
j
T = 125°C
j
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com