Electronic Components Datasheet Search
  English  ▼

X  

USB-2408 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB-2408
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2408 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB-2408 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2408 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2408 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2408 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-2408 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-2408 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-2408 Series
September 2019. Rev 9
USB-2408-Series
© Measurement Computing Corporation
Order Information
Hardware
Part No.
Description
USB-2408
USB-based 24-bit, isolated, 16 SE/8 DIFF temperature
and voltage measurement device with 8 digital I/O,
and 2 counter inputs
USB-2408-2AO
USB-based 24-bit, isolated, 16 SE/8 DIFF temperature
and voltage measurement device with 8 digital I/O,
2 counter inputs, and 2 analog outputs
Accessories
Part No.
Description
745690-E001
E-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-E002
E-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-J001
J-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-J002
J-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-K001
K-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 1 m
745690-K002
K-type thermocouples wire, fiberglass (0 °C to 482 °C,
32 °F to 900 °F), 2 m
745690-T001
T-type thermocouples wire, fiberglass (0 °C to 260 °C,
32 °F to 500 °F), 1 m
745690-T002
T-type thermocouples wire, fiberglass (0 °C to 260 °C,
32 °F to 500 °F), 2 m
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software
Ordering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com