Electronic Components Datasheet Search
  English  ▼

X  

74AHC573 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC573
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC573 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC573 Datasheet HTML 4Page - NXP Semiconductors 74AHC573 Datasheet HTML 5Page - NXP Semiconductors 74AHC573 Datasheet HTML 6Page - NXP Semiconductors 74AHC573 Datasheet HTML 7Page - NXP Semiconductors 74AHC573 Datasheet HTML 8Page - NXP Semiconductors 74AHC573 Datasheet HTML 9Page - NXP Semiconductors 74AHC573 Datasheet HTML 10Page - NXP Semiconductors 74AHC573 Datasheet HTML 11Page - NXP Semiconductors 74AHC573 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Sep 27
8
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
74AHCT family
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
−−
2.0
−
2.0
−
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
−
0.8
−
0.8
V
VOH
HIGH-level output
voltage; all outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
−
4.4
−
4.4
−
V
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
−
3.70
−
V
VOL
LOW-level output
voltage; all outputs
VI =VIH or VIL;
IO =50 µA
4.5
−
0
0.1
−
0.1
−
0.1
V
LOW-level output
voltage
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
−
0.44
−
0.55
V
II
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
−
1.0
−
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
per input pin;
other inputs at
VCC or GND;
IO =0
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
−
40
−
80
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 2.1 V
other inputs at
VCC or GND;
IO =0
4.5 to 5.5
−−
1.35
−
1.5
−
1.5
mA
CI
input capacitance
−−
310
−
10
−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com