Electronic Components Datasheet Search
  English  ▼

X  

MPC823LD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC823LD
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823LD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC823LD Datasheet HTML 3Page - Motorola, Inc MPC823LD Datasheet HTML 4Page - Motorola, Inc MPC823LD Datasheet HTML 5Page - Motorola, Inc MPC823LD Datasheet HTML 6Page - Motorola, Inc MPC823LD Datasheet HTML 7Page - Motorola, Inc MPC823LD Datasheet HTML 8Page - Motorola, Inc MPC823LD Datasheet HTML 9Page - Motorola, Inc MPC823LD Datasheet HTML 10Page - Motorola, Inc MPC823LD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOTOROLA
MPC823e Mobile Computing Microprocessor
7
Architecture
The MPC823e microprocessor uses a dual-processor architecture design approach with large data
and instruction caches to provide high-performance using a general-purpose RISC integer
processor and a special-purpose 32-bit scalar RISC communication processor module. The
peripherals are uniquely designed for communication requirements and can provide embedded
signal processing functions for communication and user interface enhancements and the I/O
support needed for high-speed digital communication.
The MPC823e is comprised of four main modules that interface with the 32-bit internal bus:
•
The embedded PowerPC core
•
The system interface unit
•
The communication processor module
•
LCD controller
32-BITRISCMICROCONTROLLER
ANDPROGRAMROM
INSTRUCTION
BUS
MMU
INSTRUCTION
16K
INSTRUCTION
MMU
DATA
8K
DATACACHE
LOAD/STORE
BUS
GENERAL
INTERRUPT
CONTROLLER
FOUR
TIMERS
TIMER
DUAL-PORT
RAM
MAC
GENERATORS
BAUDRATE
VIRTUALSERIAL
AND
INDEPENDENT
DMACHANNELS
LCDANDVIDEO
CONTROLLERS
PCMCIAINTERFACE
REAL-TIMECLOCK
SYSTEMFUNCTIONS
MEMORYCONTROLLER
INTERNAL
BIU
EXTERNAL
BIU
SYSTEMINTERFACEUNIT
USB
SCC2
SPI
I
2
C
SMC1
SMC2
SERIALINTERFACE
TIMESLOTASSIGNERS
8K
CACHE
POWERPC
CORE
PURPOSE I/O
SCC3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com