Electronic Components Datasheet Search
  English  ▼

X  

V430-AF6 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # V430-AF6
Description  Autofocus Multicode Reader
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V430-AF6 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button V430-AF6 Datasheet HTML 4Page - Omron Electronics LLC V430-AF6 Datasheet HTML 5Page - Omron Electronics LLC V430-AF6 Datasheet HTML 6Page - Omron Electronics LLC V430-AF6 Datasheet HTML 7Page - Omron Electronics LLC V430-AF6 Datasheet HTML 8Page - Omron Electronics LLC V430-AF6 Datasheet HTML 9Page - Omron Electronics LLC V430-AF6 Datasheet HTML 10Page - Omron Electronics LLC V430-AF6 Datasheet HTML 11Page - Omron Electronics LLC V430-AF6 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
V430-F
8
V430-F Ordering Information
Categories:
1. Fixed Focus Camera
a.) V430-F Monochrome Fixed Focus Camera
b.) V430-F Color Fixed Focus Camera
c.) V430-F 1.2 MP Monochrome Fixed Focus Camera with Narrow Lens
2. Autofocus Camera
a.) V430-F 0.3 MP Monochrome Autofocus Camera (50 - 300 mm)
b.) V430-F 1.2 MP Monochrome Autofocus Camera (50 - 300 mm for Wide and Medium Lens, 40 - 150 mm for
Narrow Lens)
c.) V430-F Color Autofocus Camera (50 - 300 mm)
d.) V430-F 1.2 MP Monochrome Autofocus Camera with Ring Light (50 – 300 mm for Medium Lens, 40 - 150 mm
for Narrow Lens)
e.) V430-F 1.2 MP Monochrome Long Range Autofocus Camera (75 - 1160 mm)
1a) V430-F Monochrome Fixed Focus Camera: Valid Combinations
V430-F[XXX][Y][ZZZ]-[L][C][P]
1b) V430-F 5.0 MP Color Fixed Focus Camera: Valid Combinations
Note: 5 MP Color cameras are available with No Outer Light or White Light options only.
V430-F[XXX][Y]50C-[L][C][P]
Key
Classification
Code
Meaning
XXX
Focus Distance (mm)
050
Fixed Focus at 50 mm
064
Fixed Focus at 64 mm
081
Fixed Focus at 81 mm
102
Fixed Focus at 102 mm
133
Fixed Focus at 133 mm
190
Fixed Focus at 190 mm
300
Fixed Focus at 300 mm
Y
Lens
W
Wide Field of View - 5.2 mm Focal Length Lens
M
Medium Field of View – 7.7 mm Focal Length Lens
ZZZ
Sensor
03M
752 x 480 (0.3 MP) Pixel, Mono Sensor, Global Shutter
12M
1280 x 960 (1.2 MP) Pixel, Mono Sensor, Global Shutter
L
Light Type
N
No Outer Light
S
Standard Outer Light
C
Light Color
N
No Outer Light
RRed
WWhite
P
Software License
P
High Speed, Plus Mode
X
High Speed, X-Mode
Key
Classification
Code
Meaning
XXX
Focus Distance (mm)
050
Fixed Focus at 50 mm
064
Fixed Focus at 64 mm
081
Fixed Focus at 81 mm
102
Fixed Focus at 102 mm
133
Fixed Focus at 133 mm
190
Fixed Focus at 190 mm
300
Fixed Focus at 300 mm
Y
Lens
W
Wide Field of View - 5.2 mm Focal Length Lens
M
Medium Field of View – 7.7 mm Focal Length Lens
L
Light Type
N
No Outer Light
S
Standard Outer Light
C
Light Color
N
No Outer Light
WWhite
P
Software License
P
High Speed, Plus Mode
X
High Speed, X-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com