Electronic Components Datasheet Search
  English  ▼

X  

SIP32433AEVB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP32433AEVB
Description  3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32433AEVB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP32433AEVB Datasheet HTML 6Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 9Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 10Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 11Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 12Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 13Page - Vishay Siliconix SIP32433AEVB Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SIP32433
www.vishay.com
Vishay Siliconix
E22-0335. A, 15-Aug-2022
10
Document Number: 63175
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 26 - Turn On Into Output Short
VIN = 12 V, CSS = 133 nF, RLIM = 2.49 k
Fig. 27 - Turn On Into Output Short, Auto-Retry
VIN = 12 V, CSS = 133 nF, RLIM = 2.49 k
Fig. 28 - Turn On by EN Into OCP Load
VIN = 12 V, RL = 2 , CL = 47 μF x 3, CSS = 133 μF, RLIM = 2.49 k
Fig. 29 - VOUT Short With a 2 , Load
VIN = 12 V, RL = 2 , CL = 0 μF, CSS = 133 nF, RLIM = 2.49 k
Fig. 30 - Output Current Protection
Increase Load Current Slowly
VIN = 12 V, RL = 2 , CL = 47 nF, CSS = 133 nF, RLIM = 2.49 k
Fig. 31 - Over Voltage Protection
RL = 1 k, CL = 100 μF, CSS = 133 nF, RLIM = 2.49 k,
OVP Set to 18 V
I
IN (2 A/div)
PG (5 V/div)
SS (2 V/div)
EN (5 V/div)
5 ms/div
SS (5 V/div)
I
IN (2 A/div)
PGD (5 V/div)
EN (5 V/div)
50 ms/div
I
IN (2 A/div)
V
OUT (5 V/div)
EN (5 V/div)
PG (5 V/div)
5 ms/div
PG (5 V/div)
I
IN (1 A/div)
2 ms/div
V
OUT (5 V/div)
V
IN (5 V/div)
V
OUT (5 V/div)
I
IN (1 A/div)
PG (5 V/div)
V
IN (5 V/div)
2 ms/div
50 ms/div
V
OUT (5 V/div)
PG (5 V/div)
V
IN (5 V/div)
I
IN (0.5 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com