Electronic Components Datasheet Search
  English  ▼

X  

TF3 Datasheet(PDF) 4 Page - C&K Components

Part # TF3
Description  Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TF3 Datasheet(HTML) 4 Page - C&K Components

  TF3 Datasheet HTML 1Page - C&K Components TF3 Datasheet HTML 2Page - C&K Components TF3 Datasheet HTML 3Page - C&K Components TF3 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
31 May 21
J
ACTUATOR
TF3 Series
Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
T24 Simulated Roller 24.5 mm
OPTION
CODE
OPERATING FORCE
MAX. (grams)
OPERATING
POSITION
(mm)
PRE-TRAVEL
MAX. (mm)
OVER-TRAVEL
MIN. (mm)
MAX.
DIFFERENTIAL
MAX. (mm)
CF
CG
CJ
P00
190
510
842
14.4 ± 0.5
1.9
0.7
1.2
T10
190
510
753
15.0 ± 0.8
2.4
0.5
1.4
T15
100
260
374
15.0 ± 1.5
4.8
1.0
2.7
A10
190
510
842
20.4 ± 0.7
2.2
0.4
1.2
A15
102
275
395
20.4 ± 1.4
4.5
0.9
2.6
EC
EE
EK
T30
46
80
115
15.0 ± 4.7
15
3.1
7
T24
88
170
235
18.4 ± 2.0
7.2
1.5
2.9
TERMINATIONS
40 .187” Quick Connect
4A .250” Quick Connect
T30 Lever 51.3 mm
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
J–91



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com