Electronic Components Datasheet Search
  English  ▼

X  

MPC823ERG Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC823ERG
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823ERG Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC823ERG Datasheet HTML 4Page - Motorola, Inc MPC823ERG Datasheet HTML 5Page - Motorola, Inc MPC823ERG Datasheet HTML 6Page - Motorola, Inc MPC823ERG Datasheet HTML 7Page - Motorola, Inc MPC823ERG Datasheet HTML 8Page - Motorola, Inc MPC823ERG Datasheet HTML 9Page - Motorola, Inc MPC823ERG Datasheet HTML 10Page - Motorola, Inc MPC823ERG Datasheet HTML 11Page - Motorola, Inc MPC823ERG Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MOTOROLA
MPC823e Mobile Computing Microprocessor
11
Order Information
The following table contains the package type and operating frequencies of the MPC823e.
The documents listed in the table below contain detailed information on the MPC823e and
MPC823 microprocessors. All MPC823 documentation applies to the MPC823e with the
exception of the data and instruction cache sections of the user’s manual. You can obtain these
documents from the Motorola Literature Distribution Center or from our website at
www.mot.com/mpc823.
Package Type
Frequency
Temperature
Order Number
256 lead PBGA
23x23 1.27mm pitch
66 MHz
75 MHz
0
°C to 95°C*
0
°C to 95°C*
XPC823EZT66B
XPC823EZT75B
256 lead PBGA
23x23 1.27mm pitch
66 MHz
-40
°C to 95°C**
XPC823CZT66B
* TA = 0
° C to Tj = +95° C
** TA = -40
° C to Tj = +95° C
Document Title
Order Number
Contents
MPC823 User’s Manual
MPC823UM/D
Detailed information for MPC823 design
MPC823 CD
CDMPC823/D
MPC823 User’s Manual in PDF
MPC823 Pocket Reference Guide
MPC823RG/D
Quick reference to content of the
MPC823 User’s Manual
MPC823 Electrical Specifications
MPC823LE/D
Electrical specifications for the MPC823
MPC823 Literature Package
MPC823PAK/D
MPC823 User’s Manual, Pocket
Reference Guide, Electrical
Specifications, and CD
MPC823e Reference Manual
MPC823ERM/D
Not yet available
MPC823e CD
CDMPC823E/D
Not yet available
MPC823e Pocket Reference Guide
MPC823ERG/D
Not yet available
MPC823e Electrical Specifications
MPC823ELE/D
Not yet available
MPC823e Literature Package
MPC823EPAK/D
Not yet available
PowerPC Microprocessor Family: The
Programming Environments for 32-Bit
Microprocessors
MPCFPE32B/AD
PowerPC instruction set
PowerPC Resource Guide
BR1724/D
Independent vendor listing of supporting
software and development tools
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com