Electronic Components Datasheet Search
  English  ▼

X  

THB Datasheet(PDF) 1 Page - C&K Components

Part # THB
Description  Miniature Thumbstick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

THB Datasheet(HTML) 1 Page - C&K Components

  THB Datasheet HTML 1Page - C&K Components THB Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
C–10
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Mechanical
PATTERN OF ACTUATOR MOVEMENT: Toggle cross-wide and
in a circle
FULL STROKE ACTUATION STOP STRENGTH: > 3.1 kgf
(3 seconds minimum)
PULL STRENGTH OF THE ACTUATOR: > 5.0 kgf
(3 seconds minimum)
ACTUATION FORCE: 160 +/-40 gf (12 +/- 5mN*M of Torque)
ACCURACY OF RETURN TO ACTUATOR RELEASE POSITION: ±3°
TOGGLE ANGLE OF OPERATION: 30° to 36°C Max angle from
vertical through full circular range of rotation
OPERATING LIFE: 1,000,000 cycles minimum (center switch)
2,000,000 cycles minimum (thumbstick toggle)
Packaging
Tray (60 units)
Electrical
TOTAL RESISTANCE (POTENTIOMETERS): 10kΩ ± 20% initial
Within ± 20% of initial values for 10,000 cycles
RESISTANCE POTENTIOMETERS: Percentage of the voltage of
terminal 1-2 to the voltage of terminal 1-3
RATED VOLTAGE: 50 VAC or 5 VDC
RATED POWER: 0.05 A @ 12 VDC
CONTACT NOISE: Noise < 10% of operating voltage
VOLTAGE DIVIDER: 39.6 ˜ 60.4%
INSULATION RESISTANCE: > 100 MΩ 
WITHSTANDING VOLTAGE: No arcing or breakdown
Environment
OPERATING TEMPERATURE: -10°C to +70°C
STORAGE TEMPERATURE: -30°C to +80°C
THB Series
Miniature Thumbstick
Features/Benefits
• 2 axis, multi-direction operation
• 2,000,000 life cycle for toggle
• Center select momentary switch
• Small package size
Typical Applications
• Gaming peripherals
• Remote Control Vehicles
• Mini-joystick
• Thumb control
• Navigation control
• Industrial control
• Heavy equipment
10 Jun 22
Shaft Material & Height
0 Plastic 7.75mm
1 Metal 7.2mm
Rotational Torque
0 120 gf*cm
1 110 gf*cm
2 140 gf*cm
H
T
B
1
Total Resistance & Taper
1 10kΩ (Linear B taper)
Special Feature
NONE N/A
X No Return to Center X-X Direction
Switch Option
P Center Pushbutton 7N
Q Center Pushbutton 7.4N
R Center Pushbutton 8N
* Please note some option codes are mutually exclusive. Consult factory if you have any questions
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.


Similar Part No. - THB

ManufacturerPart #DatasheetDescription
logo
C&K Components
THB CK-COMPONENTS-THB Datasheet
402Kb / 2P
Miniature Thumbstick
2 Sep 22
logo
List of Unclassifed Man...
THB-3517 ETC2-THB-3517 Datasheet
2Mb / 2P
Interface Base Board for TAM-3517 Series
THB-3517-I ETC2-THB-3517-I Datasheet
2Mb / 2P
Interface Base Board for TAM-3517 Series
logo
Delta Electronics, Inc.
THB0648BE DELTA-THB0648BE Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
THB0848BEB51 DELTA-THB0848BEB51 Datasheet
717Kb / 11P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - THB

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766 Datasheet
127Kb / 2P
Miniature LED
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
12 AMP MINIATURE MINIATURE
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
Miniature ChipLED
logo
List of Unclassifed Man...
2765 ETC2-2765 Datasheet
582Kb / 2P
MINI 2-AXIS ANALOG THUMBSTICK
logo
Sanyou Corporation Limi...
SMI SANYOU-SMI Datasheet
135Kb / 4P
Miniature PowerRelay
logo
C&K Components
THB CK-COMPONENTS-THB_V01 Datasheet
402Kb / 2P
Miniature Thumbstick
2 Sep 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com