| Electronic Components Datasheet Search |
|
5129 Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5129 Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 33 page ![]() 3 EVM Connectors This section describes the connectors, jumpers, and test points on the EVM as well as how to connect, set up, and properly use the EVM. Each device has an independent supply connection, but all grounds are connected on the board. 3.1 EVM Test Points Table 3-1 lists the EVM test points as well as their functional descriptions. All TPS38700-Q1 pins have a corresponding test point on the EVM. These test points are located close to the pins for more accurate measurements. In addition to the test points listed below, the EVM also has four additional GND test points. Table 3-1. Test Points TEST POINT NUMBER TEST POINT SILKSCREEN LABEL FUNCTION DESCRIPTION TP1 EN1 Connection to EN1 pin Allows the user to monitor the SENSE1 pin TP2 EN2 Connection to EN2 pin Allows the user to monitor the EN2 pin TP3 EN3 Connection to EN3 pin Allows the user to monitor the EN3 pin TP4 EN4 Connection to EN4 pin Allows the user to monitor the EN4 pin TP6 ACT Connection to ACT pin Allows the user to set ACT input TP7 EN5 Connection to EN5 pin Allows the user to monitor the EN5 output TP8 EN6 Connection to EN6 pin Allows the user to monitor the EN6 output TP9 NIRQ Connection to NIRQ pin Allows the user to monitor the NIRQ output TP10 EN7 Connection to EN7 pin Allows the user to monitor the EN7 output TP11 EN8 Connection to EN8 pin Allows the user to monitor the EN8 output TP12 NRST Connection to NRST pin Allows the user to monitor the NRST output TP13 EN9 Connection to EN9 pin Allows the user to monitor the EN9 output TP14 EN10/NEM_PD Connection to EN10 pin and Emergency Shutdown pin Allows the user to monitor the EN10 output TP15 SLEEP Connection to SLEEP pin Allows the user to set SLEEP input TP16 EN11/NRST_IN Connection to EN11 pin and Reset In Allows the user to monitor the EN11 output TP18 EN12/NPWR_BTN Connection to EN12 pin and Power Button Allows the user to monitor the EN12 output TP21 GND GND for EVM GND for EVM TP22 CLK32K Connection to CLK32K pin Allows the user to monitor the CLK32K output TP23 VENx Connection to External Voltage Allows the user to connect to an external voltage for pulling up enable pins TP26 GND GND for EVM GND for EVM TP27 GND GND for EVM GND for EVM TP28 GND GND for EVM GND for EVM www.ti.com EVM Connectors SNVU771A – JULY 2021 – REVISED APRIL 2022 Submit Document Feedback TPS38700Q1EVM Voltage Sequencer 17 Copyright © 2022 Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |