Electronic Components Datasheet Search
  English  ▼

X  

TLV75712PDRVR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75712PDRVR
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV75712PDRVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV75712PDRVR Datasheet HTML 24Page - Texas Instruments TLV75712PDRVR Datasheet HTML 25Page - Texas Instruments TLV75712PDRVR Datasheet HTML 26Page - Texas Instruments TLV75712PDRVR Datasheet HTML 27Page - Texas Instruments TLV75712PDRVR Datasheet HTML 28Page - Texas Instruments TLV75712PDRVR Datasheet HTML 29Page - Texas Instruments TLV75712PDRVR Datasheet HTML 30Page - Texas Instruments TLV75712PDRVR Datasheet HTML 31Page - Texas Instruments TLV75712PDRVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
4.3 Quick Start
Follow the steps below precisely to quickly evaluate the TPS38700-Q1. In this quick start, we will be looking at
Enable 1 and Enable 2 signals after the ACT pin is triggered.
1. Make the connections described in Section 4.1. Skip the GUI installation if the TPS38700Q1EVM GUI is
already installed.
2. Power the EVM by turning on the power supply. Note that the voltage and current at the supply are 3.3 V
and 10 mA.
3. Once the TI's USB Interface Adapter is connected to EVM and the laptop, launch the evaluation software
Fusion Digital Power Designer.
4. Click on I2C GUI in the bottom right.
Figure 4-15. Fusion Welcome Window
EVM Setup and Operation
www.ti.com
28
TPS38700Q1EVM Voltage Sequencer
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com