Electronic Components Datasheet Search
  English  ▼

X  

TLP3146 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3146
Description  Photocouplers Photorelay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3146 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3146 Datasheet HTML 1Page - Toshiba Semiconductor TLP3146 Datasheet HTML 2Page - Toshiba Semiconductor TLP3146 Datasheet HTML 3Page - Toshiba Semiconductor TLP3146 Datasheet HTML 4Page - Toshiba Semiconductor TLP3146 Datasheet HTML 5Page - Toshiba Semiconductor TLP3146 Datasheet HTML 6Page - Toshiba Semiconductor TLP3146 Datasheet HTML 7Page - Toshiba Semiconductor TLP3146 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP3146
1
Photocouplers Photorelay
TLP3146
TLP3146
TLP3146
TLP3146
Start of commercial production
2018-07
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
ATE (Automatic Test Equipment)
•
Measuring Instruments
•
Factory Automation (FA)
•
I/O Interface Boards
•
Mechanical relay replacements
2.
2.
2.
2. General
General
General
General
The TLP3146 photorelay consists of a photo MOSFET optically coupled to an infrared light emitting diode. It is
housed in a 4-pin package with 2.54-mm lead pitch and 2.1-mm height. The low on-state resistance and the high
permissible on-state current make it suitable for power line control applications.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Package: SOP (2.54SOP4) (Height 2.1 mm, pitch 2.54 mm)
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 30 V (min)
(4)
Trigger LED current: 3 mA (max)
(5)
ON-state current: 3.3 A (max)
(6)
ON-state resistance: 50 mΩ (max)
(7)
Output capacitance: 450 pF (typ.)
(8)
Off-state current: 1 µA (max)@VOFF = 30V
(9)
Isolation voltage: 1500 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-5H1S
1: Anode
2: Cathode
3: Drain
4: Drain
2018-06-28
Rev.1.0
©2018
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP3146

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3145 TOSHIBA-TLP3145 Datasheet
321Kb / 8P
Photocouplers Photorelay
2020-01-10 Rev.2.0
TLP3147 TOSHIBA-TLP3147 Datasheet
321Kb / 8P
Photocouplers Photorelay
2022-01-27 Rev.2.0
TLP3149 TOSHIBA-TLP3149 Datasheet
324Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
More results

Similar Description - TLP3146

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3475SRHA4 TOSHIBA-TLP3475SRHA4 Datasheet
544Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com