Electronic Components Datasheet Search
  English  ▼

X  

TLP358H Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP358H
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP358H Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP358H Datasheet HTML 1Page - Toshiba Semiconductor TLP358H Datasheet HTML 2Page - Toshiba Semiconductor TLP358H Datasheet HTML 3Page - Toshiba Semiconductor TLP358H Datasheet HTML 4Page - Toshiba Semiconductor TLP358H Datasheet HTML 5Page - Toshiba Semiconductor TLP358H Datasheet HTML 6Page - Toshiba Semiconductor TLP358H Datasheet HTML 7Page - Toshiba Semiconductor TLP358H Datasheet HTML 8Page - Toshiba Semiconductor TLP358H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLP358H,TLP358HF
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP358H,TLP358HF
TLP358H,TLP358HF
TLP358H,TLP358HF
TLP358H,TLP358HF
Start of commercial production
2009-06
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Industrial Inverters
•
MOSFET Gate Drivers
•
IGBT Gate Drivers
•
Induction Cooktop and Home Appliances
2.
2.
2.
2. General
General
General
General
The TLP358H is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip. It has an internal Faraday shield
that provides a guaranteed Common-mode transient immunity of ±20 kV/µs.
The TLP358H is ideal for IGBT and power MOSFET gate drive.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Buffer logic type (totem pole output)
(2)
Output peak current: ±6.0 A (max)
(3)
Operating temperature: -40 to 125 
(4)
Supply current: 2 mA (max)
(5)
Supply voltage: 15 to 30 V
(6)
Threshold input current: 5 mA (max)
(7)
Propagation delay time: 500 ns (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 3750 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2016-04-18
Rev.6.0
©2016 Toshiba Corporation


Similar Part No. - TLP358H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
27-Oct-2003
TLP350 TOSHIBA-TLP350 Datasheet
274Kb / 9P
GaAℓAs IRED Photo IC
01-Oct-2007
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP358H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com