Electronic Components Datasheet Search
  English  ▼

X  

74AHCT595 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT595 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT595 Datasheet HTML 1Page - NXP Semiconductors 74AHCT595 Datasheet HTML 2Page - NXP Semiconductors 74AHCT595 Datasheet HTML 3Page - NXP Semiconductors 74AHCT595 Datasheet HTML 4Page - NXP Semiconductors 74AHCT595 Datasheet HTML 5Page - NXP Semiconductors 74AHCT595 Datasheet HTML 6Page - NXP Semiconductors 74AHCT595 Datasheet HTML 7Page - NXP Semiconductors 74AHCT595 Datasheet HTML 8Page - NXP Semiconductors 74AHCT595 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Mar 15
4
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift
register with output latches; 3-state
74AHC595; 74AHCT595
PINNING
PIN
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5, 6, 7 and 15
Q1, Q2, Q3, Q4, Q5, Q6, Q7 and Q0
parallel data output
8
GND
ground (0 V)
9Q7’
serial data output
10
MR
master reset (active LOW)
11
SHCP
shift register clock input
12
STCP
storage register clock input
13
OE
output enable input (active LOW)
14
DS
serial data input
16
VCC
DC supply voltage
handbook, halfpage
Q1
Q2
Q3
Q4
Q5
Q6
Q7
GND
VCC
Q0
DS
OE
SHCP
STCP
Q7'
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
595
MNA551
MR
Fig.1 Pin configuration.
handbook, halfpage
OE
MR
9
15
1
2
3
4
5
6
7
13
10
14
11
12
MNA552
Q1
Q0
Q2
Q3
Q4
Q5
Q6
Q7
Q7'
DS
STCP
SHCP
Fig.2 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com