Electronic Components Datasheet Search
  English  ▼

X  

ADA-4643 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ADA-4643
Description  Silicon Bipolar Darlington Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4643 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ADA-4643 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4643 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ADA-4643 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
I
d
Device Current
mA
70
P
diss
Total Power Dissipation [2]
mW
270
Pin max.
RF Input Power
dBm
18
T
j
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
jc
Thermal Resistance [3]
°C/W
152
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Ground lead temperature is 25
°C.
Derate 6.6 mW/
°C for TL >109°C.
3. Junction-to-case thermal resistance
measured using 150
°C Liquid Crystal
Measurement method.
ADA-4643 Electrical Specifications
TA = 25°C, Zo=50Ω, Pin = -25 dBm, Id = 35 mA (unless specified otherwise)
Symbol
Parameter and Test Condition:
Frequency
Units
Min.
Typ.
Max.
Std. Dev.
Id = 35 mA, Zo = 50Ω
Vd
Device Voltage Id= 35 mA
V
3.2
3.5
3.9
Gp
Power Gain (|S21|
2
100 MHz
dB
17.5
900 MHz
[1,2]
15.5
17.0
18.5
∆Gp
Gain Flatness
100 to 900 MHz
dB
0.5
0.1 to 2 GHz
1.8
F
3dB
3 dB Bandwidth
GHz
3.2
VSMR
in
Input Voltage Standing Wave Ratio
0.1 to 6 GHz
2.0:1
VSMR
out
Output Voltage Standing Wave Ratio
0.1 to 6 GHz
1.6:1
NF
50
Ω Noise Figure
100 MHz
dB
3.9
0.07
900 MHz[1,2]
4.0
0.1
P
1dB
Output Power at 1dB Gain Compression
100 MHz
dBm
14.7
900 MHz[1,2]
13.4
OIP
3
Output 3rd Order Intercept Point
100 MHz[3]
dBm
29.0
900 MHz
[1,2,3]
28.3
DV/dT
Device Voltage Temperature Coefficient
mV/
°C
-5.3
Notes:
1. Typical value determined from a sample size of 500 parts from 3 wafers.
2. Measurement obtained using production test board described in the block diagram below.
3. I) 900 MHz OIP
3 test condition: F1 = 900 MHz, F2 = 905 MHz and Pin = -25 dBm per tone.
II) 100 MHz OIP
3 test condition: F1 = 100 MHz, F2 = 105 MHz and Pin = -25 dBm per tone.
Block diagram of 900 MHz production test board used for V
d, Gain, P1dB, OIP3, and NF measurements.
Circuit losses have been de-embedded from actual measurements.
Input
50 Ohm
Transmission
(0.5 dB loss)
DUT
50 Ohm
Transmission
including Bias
(0.5 dB loss)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com