Electronic Components Datasheet Search
  English  ▼

X  

RFX-21 Datasheet(PDF) 1 Page - RFX Ltd.

Part # RFX-21
Description  12 MHz ±20ppm Crystal 18pF 300 Ohms 4-SMD, No Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFX [RFX Ltd.]
Direct Link  https://rfx.co.uk/
Logo RFX - RFX Ltd.

RFX-21 Datasheet(HTML) 1 Page - RFX Ltd.

  RFX-21 Datasheet HTML 1Page - RFX Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Europe & Asia : +44 1506 439 222
Email: sales@rfx.co.uk
Web: www.rfx.co.uk
Americas: +1 289 481 2019
Email: sales@laptech.com
Page: 1 of 1
Crystal Model: RFX-21 series
Issue 1; 19th July 2022
Features
▪ Standard frequency range (12.0 to 96.0) MHz fundamental
▪ Temperature stability from ±10ppm
▪ Temperature range from (–40 to +85)
°C
▪ The flexible nature of the design, means that variations to suit
almost any application can be developed to meet individual
customer requirements
▪ Drive level (0.01 - 0.1)mW
▪ Series Resistance—see table
▪ Shunt capacitance C0 3 pF max.
▪ Load capacitance CL (8 - 50)pF or series
▪ Ageing ±2 x 10-6 /year
Environmental
▪ Electrostatic-Sensitive Device (ESD)
▪ Storage Temperature Range: (-55 to +125)°C
▪ Mechanical shock: MIL standard 202F, method 213
condition J
▪ Thermal shock: MIL standard 202F, method 107, condition A
▪ Vibration: MIL standard 202F, method 204, condition B
▪ Solderability: 5 seconds maximum at 230
°C
▪ 3 seconds maximum at 350
°C
Compliance
▪ RoHS Status (2011/65/EU) Compliant
▪ REACH Status - Compliant
Packaging
▪ Pack Style: tape and reel: 3000 pieces
Ordering Information
▪ Unique customer part number and custom specification issued
with each application
▪ Crystal model: RFX-21 series
Dimensions (mm)
ESR-Equivalent Series Resistance
Frequency range
(MHz)
Cut/Mode
ESR (Ω)
upper
ESR (Ω)
lower
12.0 - 96.0
AT1
<180
>30


Similar Part No. - RFX-21

ManufacturerPart #DatasheetDescription
logo
RFX Ltd.
RFX-21-16.0M50IY RFX-RFX-21-16.0M50IY Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY10 RFX-RFX-21-16.0M50IY10 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY20 RFX-RFX-21-16.0M50IY20 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY30 RFX-RFX-21-16.0M50IY30 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IYS RFX-RFX-21-16.0M50IYS Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
More results

Similar Description - RFX-21

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
MA-406 EPSONTOYOCOM-MA-406 Datasheet
379Kb / 2P
MHz RANGE CRYSTAL UNIT SMD
logo
MICORO CRYSTAL SWITZERL...
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
AT Crystal 12 MHz - 70 MHz
logo
RFX Ltd.
RFX-21-16.0M50IY RFX-RFX-21-16.0M50IY Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-20.0M50IY RFX-RFX-21-20.0M50IY Datasheet
169Kb / 1P
20 MHz ±20ppm Crystal 18pF 80 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-24.0M50IY RFX-RFX-21-24.0M50IY Datasheet
169Kb / 1P
24 MHz ±20ppm Crystal 10pF 60 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-25.0M50IY RFX-RFX-21-25.0M50IY Datasheet
169Kb / 1P
25 MHz ±20ppm Crystal 10pF 60 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-27.0M50IY RFX-RFX-21-27.0M50IY Datasheet
169Kb / 1P
27 MHz ±20ppm Crystal 16pF 80 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-30.0M50IY RFX-RFX-21-30.0M50IY Datasheet
169Kb / 1P
30 MHz ±20ppm Crystal 10pF 60 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-32.0M50IY RFX-RFX-21-32.0M50IY Datasheet
169Kb / 1P
32 MHz ±20ppm Crystal 16pF 50 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-40.0M50IY RFX-RFX-21-40.0M50IY Datasheet
169Kb / 1P
40 MHz ±20ppm Crystal 10pF 40 Ohms 4-SMD, No Lead
28th November 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com