Electronic Components Datasheet Search
  English  ▼

X  

40MT..K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 40MT..K
Description  Three Phase Bridge (Power Modules), 40 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT..K Datasheet(HTML) 2 Page - Vishay Siliconix

  40MT..K Datasheet HTML 1Page - Vishay Siliconix 40MT..K Datasheet HTML 2Page - Vishay Siliconix 40MT..K Datasheet HTML 3Page - Vishay Siliconix 40MT..K Datasheet HTML 4Page - Vishay Siliconix 40MT..K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VS-40MT160KPbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Sep-17
2
Document Number: 93163
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output
current at case temperature
IO
120° rect. conduction angle
40 (50)
A
85 (60)
°C
Maximum peak, one-cycle
forward, non-repetitive
surge current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
270
A
t = 8.3 ms
280
t = 10 ms
100 % VRRM 
reapplied
225
t = 8.3 ms
240
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
365
kA2s
t = 8.3 ms
325
t = 10 ms
100 % VRRM 
reapplied
253
t = 8.3 ms
240
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
3650
A2
s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
x I
F(AV) < I < x IF(AV)), TJ maximum
0.78
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ maximum
0.9
Low level value of forward slope resistance
rf1
(16.7 % x
x I
F(AV) < I < x IF(AV)), TJ maximum
15
m
High level value of forward slope resistance
rf2
(I >
 x I
F(AV)), TJ maximum
14.1
Maximum forward voltage drop
VFM
Ipk = 100 A, TJ = 25 °C, tp = 400 μs single junction
2.02
V
RMS isolation voltage
VISOL
TJ = 25 °C, all terminal shorted
f = 50 Hz, t = 1 s
4000
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
-40 to +150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.41
K/W
DC operation per junction
2.46
120° rect. conduction angle per module
0.45
120° rect. conduction angle per junction
2.7
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface smooth, flat and greased
0.03
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
Lubricated threads.
4 to 6
Nm
to terminal
3 to 4
Approximate weight
176
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com