Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0044 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0044
Description  Low Noise Amplifier 1.5 - 1.6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0044 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0044 Datasheet HTML 1Page - Tyco Electronics MAALSS0044 Datasheet HTML 2Page - Tyco Electronics MAALSS0044 Datasheet HTML 3Page - Tyco Electronics MAALSS0044 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier
1.5 - 1.6 GHz
MAALSS0044
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications5: TA = 25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1.5 - 1.6 GHz, PIN = -30 dBm
dB
19
21
23
Noise Figure
1.5 - 1.6 GHz
dB
—
1.55
1.9
Input VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
—
1.5:1
—
Output VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
—
1.5:1
—
Output 1 dB Compression
1.5 - 1.6 GHz
dBm
—
6
—
Input IP3
1.5 - 1.6 GHz, PIN = -30 dBm
dBm
—
-2
—
Reverse Isolation
1.5 - 1.6 GHz, PIN = -30 dBm
dB
—
40
—
Bias Current
—
mA
5
8
11
5. See plots for 3-volt performance.
Component List
Part
Value
Case Size
Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1 (optional)
35 to 40 Ω
0603
Panasonic
6.
Pins 1, 4, 5 and 8 must be RF and DC grounded as shown.
7.
Pin 3 is the RF input; pin 6 is the RF output. VDD is
applied on pin 7. This pin must be bypassed with a 500 pF
surface mount MLC capacitor, mounted as close as
possible to pin 7, and RF decoupled with a chip inductor
having a minimum value of 15 nH (as shown in the
Recommended PCB Configuration).
8.
Pin 2 allows use of an external resistor to ground for
optional, higher current bias. For nominal current
operation no resistor is used. For optional 20-mA current
operation, connect a 35- to 40-ohm chip resistor (as shown
in the Recommended PCB Configuration).
Application Schematic 6,7,8
Recommended PCB Configuration
L1
C1
VDD
RF IN
RF OUT
R1
(Optional)
See Note 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com