Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0045 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0045
Description  High Dynamic Range LNA 1700 - 2400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0045 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0045 Datasheet HTML 1Page - Tyco Electronics MAALSS0045 Datasheet HTML 2Page - Tyco Electronics MAALSS0045 Datasheet HTML 3Page - Tyco Electronics MAALSS0045 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Dynamic Range LNA
1700 - 2400 MHz
MAALSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50 Ohm, F = 2000 MHz, PIN = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
5V
dB
18
19
21
Noise Figure
5V
dB
—
1.4
1.7
Output P1dB
5V
dBm
—
20
—
Input IP3
5V
dBm
11
13
—
Output IP3
5V
dBm
—
32
—
Input Return Loss
5V
dB
—
12
—
Output Return Loss
5V
dB
—
12
—
Drain Current
5V
mA
—
80
100
External Circuitry Parts List
Ref.
Designation
Value
Purpose
C1
3.3 pF
LNA Matching/DC Block
C2
0.1 µF
DC Block
C3, C4
1000 pF
RF Bypass
C5, C6, C7
0.1 µF
RF Bypass
L1
2 nH
LNA Matching
L2
2 nH
LNA Matching
Sample Board Schematic
Recommended PCB Configuration
See Detail “A”
See Detail “B”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com