Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0049 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0049
Description  GPS Low Noise Amplifier 1.5 - 1.7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0049 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0049 Datasheet HTML 1Page - Tyco Electronics MAALSS0049 Datasheet HTML 2Page - Tyco Electronics MAALSS0049 Datasheet HTML 3Page - Tyco Electronics MAALSS0049 Datasheet HTML 4Page - Tyco Electronics MAALSS0049 Datasheet HTML 5Page - Tyco Electronics MAALSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GPS Low Noise Amplifier
1.5 - 1.7 GHz
MAALSS0049
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• High Gain: 20 dB
• Low Noise Figure: 1.5 dB
• Good 50 Ω Input / Output Match
• Single +3 V to +5 V Bias
• Adjustable Current
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAALSS0027
Description
M/A-COM’s MAALSS0049 is a GaAs MMIC low
noise amplifier in a lead-free SOT-26 surface mount
plastic package. It employs a monolithic 2-stage
design featuring a convenient 50-ohm input/output
impedance that minimizes the number of external
components required.
The MAALSS0049 is optimized for the GPS
frequency of 1.575 GHz. It operates with a single 3
volt to 5 volt supply and has an off chip resistor that
can be used to improve the linearity performance.
The MAALSS0049 is fabricated using M/A-COM’s
E/D process to realize low noise and high dynamic
range.
The process features full passivation for
increased performance and reliability.
Functional Schematic
Ordering Information
Part Number
Package
MAALSS0049
Bulk Packaging
MAALSS0049TR-3000
3000 piece reel
MAALSS0049SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
VDD 1
GND
RF IN
GND
RF OUT
VDD 2
VDD 1
GND
RF IN
GND
RF OUT
VDD 2
Parameter
Absolute Maximum
Input Power
+8 dBm
Operating Voltage
+6 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +150°C
Absolute Maximum Ratings1,2
Pin Configuration
Pin
Pin Name
Description
1
VDD1
Stage 1 Voltage
2
GND
Ground
3
RF IN
RF input
4
GND
Ground
5
RF OUT
RF output
6
VDD2
Stage 2 Voltage
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAALSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040SMB MACOM-MAALSS0040SMB Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0040TR-3000 MACOM-MAALSS0040TR-3000 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier 1.575 GHz
More results

Similar Description - MAALSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
1.7 - 2.4 GHz Low Noise Amplifier
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com