Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0048PCS Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAALSS0048PCS
Description  Low Noise Amplifier 1400 - 2000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0048PCS Datasheet(HTML) 6 Page - Tyco Electronics

  MAALSS0048PCS Datasheet HTML 1Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 2Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 3Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 4Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 5Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 6Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 7Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
MAALSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
6
RoHS
Compliant
External Circuitry Parts List9
Part
Value
Purpose
C1
47 pF
DC Block
C2
470 pF
By-Pass
L1
10 nH
Tuning
L2
3.9 nH
Tuning
L3
22 nH
RF Choke
R1
See note 10
Current control
C3
470 pF
By-Pass
9.
All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.)
10. Pin 5 allows use of an external resistor to ground for
optional, higher current.
For IDD ~ 5 mA, R1 = 150 ohms;
IDD ~ 6.5 mA, R1 = 120 ohms;
IDD ~ 20 mA, R1 = 27 ohms.
Functional Schematic
Data for 1400 - 1520 MHz Operation
RF
Input
RF
Output
C1
L1
R1
(See note 10)
L2
VDD
2,4
3
6
1
5
C2
C3
L3
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ohm
lines and package pins. M/A-COM recommends an FR-4 di-
electric thickness of 0.008” (0.20 mm) yielding a 50 Ohm line
width of 0.015” (0.38 mm). The recommended RF metalization
thickness is 1 ounce copper.
Recommended PCB Configuration
Layout View
Pin 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com