Electronic Components Datasheet Search
  English  ▼

X  

MAAM12031SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAM12031SMB
Description  Low Noise Amplifier 1.7 - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM12031SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAAM12031SMB Datasheet HTML 1Page - Tyco Electronics MAAM12031SMB Datasheet HTML 2Page - Tyco Electronics MAAM12031SMB Datasheet HTML 3Page - Tyco Electronics MAAM12031SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier
1.7 - 2.0 GHz
MAAM12031
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Electrical Specifications4: TA = 25°C, Z0 = 50 Ω, VDD = +5 V, PIN = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
—
dB
18
20
22
Noise Figure
—
dB
—
1.65
2.00
Input VSWR
—
Ratio
—
1.7:1
—
Output VSWR
—
Ratio
—
1.7:1
—
Output 1 dB Copmression
—
dBm
—
7
—
Input IP3
—
dBm
—
-1
—
Reverse Isolation
—
dB
—
38
—
Bias Current
—
mA
5
8
11
4. See 3 V data herein.
Absolute Maximum Ratings 5
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current 6
30 mA
Channel Temperature 7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. Only if Pin 2 is used to increase current (See Note 3 herein).
7. Typical thermal resistance (θjc) = +165°C/W.
Application Schematic
L1
C1
VDD
RF IN
RF OUT
R1
(Optional)
See Note 3
Component List
Part
Value
Case Size
Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1
(Optional)
35/40 Ω
0603
Panasonic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com