Electronic Components Datasheet Search
  English  ▼

X  

GOSNE06 Datasheet(PDF) 2 Page - Belden Inc.

Part # GOSNE06
Description  Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f MM OM4.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GOSNE06 Datasheet(HTML) 2 Page - Belden Inc.

  GOSNE06 Datasheet HTML 1Page - Belden Inc. GOSNE06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Attenuation at 850
nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Installation (Short Term)
IEC 60794-1-21-E6
116 mm
IEC 60794-3-10
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 58 mm
IEC 60794-3-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
1500 N (337 lbf)
IEC 60794-3-10
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1
500 N (112 lbf)
IEC 60794-3-10
Cable Max. Crush Resistance Installation (Short Term) IEC 60794-1-21-E3
15 kN/m
IEC 60794-3-10
Cable Max. Crush Resistance Operation (Long Term)
IEC 60794-1-21-E3
7.5 kN/m
IEC 60794-3-10
Temperature Range
Operating Temperature
Range:
-30 °C to +70 °C
Installation Temperature
Range:
-5 °C to +50 °C
Storage Temperature
Range:
-30 °C to +70 °C
Standards
UL Rating/Flame Test:
Non-UL Rated
REACH:
Compliant
ISO/IEC Compliance:
IEC 60794
EU Directive 2011/65/EU
(RoHS 2):
Compliant
UV/ Sunlight Protection:
Yes
History
Update and Revision:
Revision Number: 0.39 Revision Date: 01-20-2023
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com