Electronic Components Datasheet Search
  English  ▼

X  

MAAMML0016 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMML0016
Description  Ka Band Connectorised Amplifier: 24 - 30 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMML0016 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMML0016 Datasheet HTML 1Page - Tyco Electronics MAAMML0016 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ka Band Connectorised Amplifier: 24 – 30 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
2
V4
MAAMML0016
Specification at +25 °C
(Applies over the frequency range @ +25 °C, output and input load impedance of 50 ohms.
Unless otherwise stated limits & conditions are indicated values.)
Parameter
Value
Units
Frequency
24-30
GHz
Operating Temperature TOP
+0
∼ +50
°C
Small signal gain @ +25OC
31
dB
Pk-pk Gain variation over TOP
7
dB
Passband flatness
4
dB pk-pk
P1dB (Output)
+25
dBm
Noise Figure
11
dB
Input VSWR
2:1
Ratio
Output VSWR
2:1
Ratio
DC Supply Positive Rail
Supply Voltage
+7
V
Current consumption @ P1dB
750
mA
Supply Voltage
-6.5
V
Current consumption
20
mA
DC Supply Negative Rail
Current consumption @ P3dB
1000
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com