Electronic Components Datasheet Search
  English  ▼

X  

MAAMML0018 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMML0018
Description  Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMML0018 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMML0018 Datasheet HTML 1Page - Tyco Electronics MAAMML0018 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Variable Gain Control, X Band Connectorised Amplifier:
8 – 12 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
1
V4
MAAMML0018
Features
• High Reliability
• Weight and space saving design
• Field Replaceable SMA Connectors
• Monotonic Gain Control
• >= 28dB Gain control
• < 4.5us settled gain switching time.
• Space Qualified version available
Description
The MAAMML0018 is a high reliability X band
variable gain amplifier. This weight and space saving
design has been realised by utilising the latest
advances in housing materials. A variable attenuator
is followed by an X band amplifier. This allows total
unit gain to be adjustable over a >= 28dB range,
from an applied control voltage.
Alternative frequency ranges, gain, output powers
and supply rail configurations are available.
The MAAMML0018 is also available as a space
qualified version. Please contact the factory for
details.
Mechanical
This device is supplied with field replaceable SMA
connectors.
It
is
hermetically
sealed,
with
a
gold-plated finish to MIL-G-45204.
Functional Block Diagram
Gain Control
DC Supply
RF Input
RF Output


Similar Part No. - MAAMML0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
More results

Similar Description - MAAMML0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0023 MACOM-AM55-0023 Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
Tyco Electronics
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
Variable Gain Amplifier 5 to 12 GHz
logo
Analog Devices
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
E-Band Variable Gain Amplifier
4/2017-Rev. A to Rev. B
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
E-Band Variable Gain Amplifier
Feb-2016
logo
Guerrilla RF, Inc.
GRF2710 GUERRILLA-GRF2710 Datasheet
1Mb / 17P
HIGH GAIN, X-Band LNA 8 to 12 GHz
April 4, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com