Electronic Components Datasheet Search
  English  ▼

X  

6012913 Datasheet(PDF) 2 Page - FIBOX Enclosing innovations

Part # 6012913
Description  Enclosure, PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

6012913 Datasheet(HTML) 2 Page - FIBOX Enclosing innovations

  6012913 Datasheet HTML 1Page - FIBOX Enclosing innovations 6012913 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions :
Height
Width
Depth
mm :
180
130
35
inch :
7.09
5.12
1.38
Materials :
Material :
Polycarbonate
Base colour :
RAL 7035 -light grey
Cover colour :
Clear transparent
Gasket material :
Polyurethane
Temperatures :
Temperature °C (short term) :
-40 … 120
Temperature °C (continuous) :
-40 … 80
Temperature °F (short term) :
-40 … 250
Temperature °F (continuous) :
-40 … 175
Accessories :
MIV 10
DIN-35 Mounting rail, for enclosures:
(100 x 35 x 1)
FP A 150/
180
Front plate (Aluminium), for enclosures:
(170 x 112 x 1)
HFP 180
Front plate hinge series
MIV 150
Mounting plate (Galvanized steel), for
enclosures:
(148 x 98 x 1)
MIN 15
DIN-15 Mounting rail, for enclosures:
(150 x 15 x 1)
MIN 10
DIN-15 Mounting rail, for enclosures:
(100 x 15 x 1)
MIV 15
DIN-35 Mounting rail, for enclosures:
(150 x 35 x 1)
FP 22046
Wall fastening lug (4 pcs)
Rating :
Ingress protection (EN 60529):
IP66; IP67;
Impact Resistance (EN 62262):
IK08;
Electrical insulation :
Totally insulated
Halogen free (DIN/VDE 0472, Part 815):
1
UV resistance :
UL 508
Flammability Rating :
UL 746C 5"
Glow Wire Test (IEC 695-2-1) °C :
960 °C
NEMA Class
Certificates :
Certificate FI 40847
© Fibox Oy, Data subject to change without notice (printed: 09.01.2023)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com