Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0066 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0066 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0066 Datasheet HTML 1Page - Tyco Electronics MAAPSS0066 Datasheet HTML 2Page - Tyco Electronics MAAPSS0066 Datasheet HTML 3Page - Tyco Electronics MAAPSS0066 Datasheet HTML 4Page - Tyco Electronics MAAPSS0066 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WDCT Power Amplifier
2400 – 2500 MHz
MAAPSS0066
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications:
Frequency = 2450 MHz, PIN = -1 to 3 dBm, VCC = 2.4 V, VEN = 2.5 V, TA = 25 °C, Z0 = 50Ω
Operating the MAAPSS0066
The MAAPSS0066 can be damaged by electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0066, turn on VCC before VEN for power
on and turn off VCC after VEN for shutdown.
Parameter
Test Conditions
Units
Min.
Typ.
Max
Small Signal Gain
Pin = -20 dBm
dB
—
27
—
Output Power
—
dBm
23
25
—
Power Flatness
2.0 V < VCC < 3.0 V
dB
—
3
—
PAE
—
%
—
33
—
Current
—
mA
—
400
500
Current, Off
VEN = 0 V
µA
3
10
Pdiss
POUT = 25.0 dBm
W
—
0.6
—
Control Pins
VEN, Low
VEN, High
Current
V
V
mA
0
2.0
—
—
—
3
0.5
2.5
4.0
Harmonics
2f
3f
dBc
dBc
—
—
-54
-42
—
—
Forward Isolation
VEN = 0 V
dB
—
39
—
Duty Cycle
—
%
—
—
100
Stability
+1.5 V < VCC < +3.5 V, PIN = -1 to 3 dBm, VSWR < 6:1
-20°C < TC < +70ºC, RBW = 3 MHz max hold
All spurs < -60 dBc
Input Return Loss
—
dB
—
15
—
Lead-Free 3 mm 12-Lead PQFN†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com