Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0071SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0071SMB
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0071SMB Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0071SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Ideal for DECT Applications
• Saturated Output Power: +26 dBm Typical
• Power Gain: 26 dB Typical
• Low Current: 400 mA at PSAT
• Ramp Power Control
• Micro-Amp Shutdown
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible
Description
The MAAPSS0071 is a three stage power amplifier
designed for Cordless Telephone applications. This
power amplifier is mounted in a standard outline,
lead-free 3 mm 12-lead PQFN plastic package. The
MAAPSS0071 features an integrated power enable
control pin.
Functional Schematic
RF OUT/
VCC3
VCC2
VCC1
RF IN
Ven1
Ven2, 3
GND
N/C
N/C
RF OUT/
VCC3
RF OUT/
VCC3
N/C
Pin Configuration
PIN No.
PIN Name
Description
1
GND
Ground
2
RFIN
RF Input
3
VEN1
Power Enable
4
VEN2,3
Power Enable
5
N/C
No Connection
6
N/C
No Connection
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
N/C
No Connection
12
VCC1
1st Stage Supply
Pad3
GND
RF & DC Ground
3.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Ordering Information
Part Number
Package
MAAPSS0071
Bulk Packaging
MAAPSS0071TR-3000
3000 piece reel
MAAPSS0071SMB
Sample Test Board
(Includes 5 Samples)
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAAPSS0071SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0071SMB MA-COM-MAAPSS0071SMB Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
More results

Similar Description - MAAPSS0071SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0076 MACOM-MAAPSS0076 Datasheet
238Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com