Electronic Components Datasheet Search
  English  ▼

X  

MABACT0011 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0011
Description  1:4 Flux Coupled Step up Transformer 1 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0011 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0011 Datasheet HTML 1Page - Tyco Electronics MABACT0011 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1:4 Flux Coupled Step up
Transformer
1 - 350 MHz
Rev B
Features:
•Surface Mount
•1:4 Impedence
•CT on Secondary
•Available on tape & reel
Description
M/A-COM’s MABACT0011 is a 1:4 RF
flux coupled step-up transformer in a low
cost, surface mount package. Ideally suited
for high volume cellular and CATV/
Broadband applications
Electrical Specifications: 25°C, Impedance = 75 Ohms
Parameter
Frequency (MHz)
Units
Minimum
Typical
Maximum
Frequency Range
1 - 350
Insertion Loss
5-100
dB
-
0.8
1.0
Insertion Loss
2-300
dB
-
1.6
2.0
Insertion Loss
1-350
dB
-
2.0
3.0
Amplitude Unbalance
5-100
dB
-
-
0.1
Amplitude Unbalance
1-350
dB
-
-
0.5
Phase Unbalance
5-100
°
-
-
1
Phase Unbalance
1-350
°
-
-
5
1
Ordering Information
Part Number
Package
MABACT0011
Tape & Reel
SM-22B
4
5
3
2
1
Dimensions in inches [mm]
Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - MABACT0011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
More results

Similar Description - MABACT0011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABACT0018 MACOM-MABACT0018 Datasheet
181Kb / 3P
1:4 RF flux coupled step-up transformer 5.0 - 200 MHz
MABA-007493-CF4160 MACOM-MABA-007493-CF4160 Datasheet
93Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
logo
M/A-COM Technology Solu...
MABACT0011 MA-COM-MABACT0011 Datasheet
101Kb / 2P
1:4 Flux Coupled Step up Transformer 1 - 350 MHz
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
100Kb / 3P
4:1 Flux Coupled Step-up Transformer 1-350MHz
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_2 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_15 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com