Electronic Components Datasheet Search
  English  ▼

X  

MABACT0056 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0056
Description  1:1 Transmission Line Transformer 4.5-2000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0056 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0056 Datasheet HTML 1Page - Tyco Electronics MABACT0056 Datasheet HTML 2Page - Tyco Electronics MABACT0056 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Transmission Line Transformer
4.5-2000MHz
MABACT0056
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 1:1 Impedance Ratio
• Available on Tape and Reel. Reel quantity 2500
• RoHs Version of MABAES0018
Description
M/A-COM’s MABACT0056 is a 1:1 RF transmission
line transformer in a low cost, surface mount
package. Ideally suited for high volume CATV/
Broadband applications.
Ordering Information
Part Number
Package
MABACT0056TR
2500 piece reel
MABA-007975-CT56TB
Customer Test Board
Note: Reference Application Note
M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (Output 1)
2
Not Connected (Ground)
3
Secondary (Output 2)
4
Primary (Input)
5
Not Connected (Ground)
6
Primary Dot (Input)
Dimensions in inches (mm) Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-136


Similar Part No. - MABACT0056

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
MABACT0055 MACOM-MABACT0055 Datasheet
97Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
More results

Similar Description - MABACT0056

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com