Electronic Components Datasheet Search
  English  ▼

X  

MABACT0069 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0069
Description  1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0069 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0069 Datasheet HTML 1Page - Tyco Electronics MABACT0069 Datasheet HTML 2Page - Tyco Electronics MABACT0069 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Transmission Line Transformer with tertiary winding
50-1200MHz
MABACT0069
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 1:1 Impedance
• Excellent amplitude and phase balance
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 1500
Description
M/A-COM’s MABACT0069 is a 1:1 RF transmission
line transformer with tap in a low cost, surface mount
package. Ideally suited for high volume CATV appli-
cations.
Ordering Information
Part Number
Package
MABACT0069TR
1500 piece reel
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Output 1: Through (Secondary dot)
2
Ground, not used
3
Output 2: Coupled (Secondary)
4
Input (Primary dot)
5
Ground (Primary)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-158


Similar Part No. - MABACT0069

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABACT0069 MA-COM-MABACT0069 Datasheet
233Kb / 3P
1:1 Transmission Line Transformer with tertiary winding
MABACT0069 MA-COM-MABACT0069_15 Datasheet
233Kb / 3P
1:1 Transmission Line Transformer with tertiary winding
More results

Similar Description - MABACT0069

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABA-010321-CT1A42-V2 MA-COM-MABA-010321-CT1A42-V2 Datasheet
486Kb / 4P
1:1 Transmission Line Transformer with tertiary winding
MABA-010725-CT1006-V1 MA-COM-MABA-010725-CT1006-V1 Datasheet
782Kb / 4P
Transformer, 1:1 Transmission Line with tertiary winding
MABACT0069 MA-COM-MABACT0069 Datasheet
233Kb / 3P
1:1 Transmission Line Transformer with tertiary winding
MABA-010321-CT1A42 MA-COM-MABA-010321-CT1A42_15 Datasheet
486Kb / 4P
1:1 Transmission Line Transformer with tertiary winding
MABA-010725-CT1006 MA-COM-MABA-010725-CT1006_15 Datasheet
782Kb / 4P
Transformer, 1:1 Transmission Line with tertiary winding
MABACT0069 MA-COM-MABACT0069_15 Datasheet
233Kb / 3P
1:1 Transmission Line Transformer with tertiary winding
MABA-011013 MA-COM-MABA-011013 Datasheet
752Kb / 5P
Transformer, 1:1 Transmission Line with tertiary winding 45 - 1200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com