Electronic Components Datasheet Search
  English  ▼

X  

MABACT0071 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0071
Description  1:1 Flux Coupled Transformer 0.3-200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0071 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0071 Datasheet HTML 1Page - Tyco Electronics MABACT0071 Datasheet HTML 2Page - Tyco Electronics MABACT0071 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Flux Coupled Transformer
0.3-200MHz
MABACT0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
1
RoHS
Compliant
Features
• Surface Mount
• 1:1 Impedance
• Centre tap on secondary
• 260°C Reflow Compatible
• RoHS* Compliant
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0071 is a 1:1 RF flux coupled
transformer in a low cost, surface mount package.
Ideally suited for high volume CATV/Broadband
applications.
Ordering Information
Part Number
Package
MABACT0071TR
2000 piece reel
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot
2
Secondary centre tap
3
Secondary
4
Primary
5
Primary Dot
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-164


Similar Part No. - MABACT0071

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABACT0071-V3 MA-COM-MABACT0071-V3 Datasheet
551Kb / 4P
1:1 flux coupled Transformer
MABACT0071TR MA-COM-MABACT0071TR Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABACT0071 MA-COM-MABACT0071_15 Datasheet
551Kb / 4P
1:1 flux coupled Transformer
More results

Similar Description - MABACT0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0036 MACOM-MABACT0036 Datasheet
237Kb / 3P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0048 MACOM-MABACT0048 Datasheet
77Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MACOM-MABACT0062 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABA-008260-CF4A40 MACOM-MABA-008260-CF4A40 Datasheet
67Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
MABA-008482-CF1A40 MACOM-MABA-008482-CF1A40 Datasheet
109Kb / 3P
1.78:1 step up flux coupled transformer 0.3-200MHz
logo
M/A-COM Technology Solu...
MABACT0048 MA-COM-MABACT0048 Datasheet
78Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MA-COM-MABACT0062 Datasheet
82Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0068 MA-COM-MABACT0068 Datasheet
82Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com