Electronic Components Datasheet Search
  English  ▼

X  

1752227 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752227
Description  PCB terminal block - SPTA 1/ 3-5,0
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752227 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752227 Datasheet HTML 1Page - PHOENIX CONTACT 1752227 Datasheet HTML 2Page - PHOENIX CONTACT 1752227 Datasheet HTML 3Page - PHOENIX CONTACT 1752227 Datasheet HTML 4Page - PHOENIX CONTACT 1752227 Datasheet HTML 5Page - PHOENIX CONTACT 1752227 Datasheet HTML 6Page - PHOENIX CONTACT 1752227 Datasheet HTML 7Page - PHOENIX CONTACT 1752227 Datasheet HTML 8Page - PHOENIX CONTACT 1752227 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 9 A, rated voltage (III/2): 320 V, nominal cross section: 1
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
SPTA 1/, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 65 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive use through colour coded actuation lever
•
Angled connection enables multi-row arrangement on the PCB
•
Quick and convenient testing using integrated test option
•
Commercial Data
Item number
1752227
Packing unit
1 pc
Minimum order quantity
100 pc
Sales Key
A01
Product Key
AALBGG
Catalog Page
Page 137 (C-1-2013)
GTIN
4046356321075
Weight per Piece (including packing)
2.015 g
Weight per Piece (excluding packing)
1.78 g
Customs tariff number
85369010
Country of origin
DE
PCB terminal block - SPTA 1/ 3-5,0
1752227
https://www.phoenixcontact.com/us/products/1752227
Jan 5, 2023, 7:36 AM
Page 1 (11)


Similar Part No. - 1752227

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752201 PHOENIX-1752201 Datasheet
123Kb / 6P
PCB terminal block - SPTA 1/12-3,5
1752205 PHOENIX-1752205 Datasheet
127Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 3-ST BK AU
logo
TE Connectivity Ltd
175221-1 TEC-175221-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
1752218 PHOENIX-1752218 Datasheet
114Kb / 3P
MSTB 2,5/ 3-ST-5,08 AU
More results

Similar Description - 1752227

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1752269 PHOENIX-1752269 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 7-5,0
1752272 PHOENIX-1752272 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 8-5,0
1752285 PHOENIX-1752285 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/ 9-5,0
1752308 PHOENIX-1752308 Datasheet
79Kb / 5P
PCB connection terminal block - SPTA 1/11-5,0
1752311 PHOENIX-1752311 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/12-5,0
1752214 PHOENIX-1752214 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 2-5,0
Sep 8, 2022
1752256 PHOENIX-1752256 Datasheet
441Kb / 11P
PCB terminal block - SPTA 1/ 6-5,0
Jan 3, 2023
1752243 PHOENIX-1752243 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/ 5-5,0
1752298 PHOENIX-1752298 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1/10-5,0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com