Electronic Components Datasheet Search
  English  ▼

X  

1754830 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 1754830
Description  PCB connector - FKCN 2,5/ 6-STF-5,08
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754830 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 1754830 Datasheet HTML 13Page - PHOENIX CONTACT 1754830 Datasheet HTML 14Page - PHOENIX CONTACT 1754830 Datasheet HTML 15Page - PHOENIX CONTACT 1754830 Datasheet HTML 16Page - PHOENIX CONTACT 1754830 Datasheet HTML 17Page - PHOENIX CONTACT 1754830 Datasheet HTML 18Page - PHOENIX CONTACT 1754830 Datasheet HTML 19Page - PHOENIX CONTACT 1754830 Datasheet HTML 20Page - PHOENIX CONTACT 1754830 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
PCB header
PCB header - MSTB 2,5/ 6-GF-5,08 - 1776540
https://www.phoenixcontact.com/us/products/1776540
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12
A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male
connector, number of potentials: 6, number of rows: 1, number of positions: 6,
number of connections: 6, product range: MSTB 2,5/..-GF, pitch: 5.08 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: Screw locking, mounting:
Threaded flange, type of packaging: packed in cardboard
Phoenix Contact 2023 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
PCB connector - FKCN 2,5/ 6-STF-5,08
1754830
https://www.phoenixcontact.com/us/products/1754830
Jan 5, 2023, 6:51 AM
Page 21 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com