Electronic Components Datasheet Search
  English  ▼

X  

1754869 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754869
Description  PCB connector - FKCN 2,5/ 9-STF-5,08
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754869 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754869 Datasheet HTML 1Page - PHOENIX CONTACT 1754869 Datasheet HTML 2Page - PHOENIX CONTACT 1754869 Datasheet HTML 3Page - PHOENIX CONTACT 1754869 Datasheet HTML 4Page - PHOENIX CONTACT 1754869 Datasheet HTML 5Page - PHOENIX CONTACT 1754869 Datasheet HTML 6Page - PHOENIX CONTACT 1754869 Datasheet HTML 7Page - PHOENIX CONTACT 1754869 Datasheet HTML 8Page - PHOENIX CONTACT 1754869 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 9, number of rows: 1, number of positions: 9, number of connections: 9, product
range: FKCN 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Intuitive use through colour coded actuation lever
•
Extremely small design for the respective conductor cross section
•
Screwable flange for superior mechanical stability
•
Can be combined with the MSTB 2,5 range
•
Commercial Data
Item number
1754869
Packing unit
1 pc
Minimum order quantity
50 pc
Note
Made to Order (non-returnable)
Sales Key
A01
Product Key
AACFFB
Catalog Page
Page 279 (C-1-2013)
GTIN
4046356330534
Weight per Piece (including packing)
11.772 g
Weight per Piece (excluding packing)
11.1 g
Customs tariff number
85366990
Country of origin
BG
PCB connector - FKCN 2,5/ 9-STF-5,08
1754869
https://www.phoenixcontact.com/us/products/1754869
Jan 5, 2023, 6:45 AM
Page 1 (21)


Similar Part No. - 1754869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754863 PHOENIX-1754863 Datasheet
148Kb / 5P
MSTB 2,5/23-G
1754863 PHOENIX-1754863 Datasheet
144Kb / 6P
MSTB 2,5/23-ST
More results

Similar Description - 1754869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754924 PHOENIX-1754924 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/15-STF-5,08
09/12/2020
1754937 PHOENIX-1754937 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/16-STF-5,08
09/12/2020
1754856 PHOENIX-1754856 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 8-STF-5,08
Jan 3, 2023
1732962 PHOENIX-1732962 Datasheet
704Kb / 20P
PCB connector - FKCN 2,5/ 2-STF
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1733042 PHOENIX-1733042 Datasheet
679Kb / 19P
FKCN 2,5/10-STF - PCB connector
1733097 PHOENIX-1733097 Datasheet
678Kb / 19P
FKCN 2,5/16-STF - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1733039 PHOENIX-1733039 Datasheet
658Kb / 18P
FKCN 2,5/ 9-STF - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com