Electronic Components Datasheet Search
  English  ▼

X  

74ALS153 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS153
Description  Dual 4-input multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS153 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS153 Datasheet HTML 1Page - NXP Semiconductors 74ALS153 Datasheet HTML 2Page - NXP Semiconductors 74ALS153 Datasheet HTML 3Page - NXP Semiconductors 74ALS153 Datasheet HTML 4Page - NXP Semiconductors 74ALS153 Datasheet HTML 5Page - NXP Semiconductors 74ALS153 Datasheet HTML 6Page - NXP Semiconductors 74ALS153 Datasheet HTML 7Page - NXP Semiconductors 74ALS153 Datasheet HTML 8Page - NXP Semiconductors 74ALS153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
74ALS153
Dual 4-input multiplexer
2
1991 Feb 08
853–1376 01670
FEATURES
• Non–inverting outputs
• Common select outputs
• Separate enable for each section
• See 74ALS253 for 3–State version
DESCRIPTION
The 74ALS153 has two identical 4–input multiplexer with 3–State
outputs which selects two bits of data from four sources by using
common select inputs (S0, S1). The two 4–input multiplexer circuits
have individual active–Low enables (Ea, Eb) which can be used to
strobe the outputs independently. Outputs (Ya, Yb) are forced Low
when the corresponding enable is high.
The 74ALS153 is the logic implementation of a 2–pole, 4–position
switch where the position of the switch is determined by the logic
levels supplied to the common select inputs.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS153
7.0ns
6.5mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Ya
VCC
I2b
I1b
I0b
I3b
Eb
S0
Ea
S1
I0a
I3a
I2a
I1a
9
8
GND
Yb
SF00146
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS153N
SOT38-4
16-pin plastic SO
74ALS153D
SOT109-1
16-pin plastic SSOP
Type II
74ALS153DB
SOT338-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Ioa – I3a
Port A data inputs
1.0/1.0
20
µA/0.1mA
Iob – I3b
Port B data inputs
1.0/1.0
20
µA/0.1mA
S0, S1
Common select inputs
1.0/1.0
20
µA/0.1mA
Ea
Port A enable input
1.0/1.0
20
µA/0.1mA
Eb
Port B enable input
1.0/1.0
20
µA/0.1mA
Ya, Yb
Data outputs
130/240
2.6mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
Ya
7
VCC = Pin 16
GND = Pin 8
14
2
1
15
S0
S1
Ea
Eb
I1a
I2a
43
SF00147
I3a
I0a
65
Yb
9
I1b
I2b
12
13
I3b
I0b
10
11
IEC/IEEE SYMBOL
SF00148
1
6
5
EN
0
1
14
0
2
1
7
G
0
3
MUX
4
3
2
3
15
10
11
9
12
13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com