Electronic Components Datasheet Search
  English  ▼

X  

74ALS158 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS158
Description  Data selector/multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS158 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS158 Datasheet HTML 1Page - NXP Semiconductors 74ALS158 Datasheet HTML 2Page - NXP Semiconductors 74ALS158 Datasheet HTML 3Page - NXP Semiconductors 74ALS158 Datasheet HTML 4Page - NXP Semiconductors 74ALS158 Datasheet HTML 5Page - NXP Semiconductors 74ALS158 Datasheet HTML 6Page - NXP Semiconductors 74ALS158 Datasheet HTML 7Page - NXP Semiconductors 74ALS158 Datasheet HTML 8Page - NXP Semiconductors 74ALS158 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
74ALS157/74ALS158
Data selector/multiplexer
1991 Feb 08
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
I0n or I1n to Yn
Waveform 1
2.0
2.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
S to Yn
74ALS157
Waveform 1, 3
4.0
4.0
12.0
12.0
ns
tPLH
tPHL
Propagation delay
E to Yn
Waveform 3
4.0
7.0
11.0
14.0
ns
tPLH
tPHL
Propagation delay
I0n or I1n to Yn
Waveform 2
2.0
2.0
8.0
8.0
ns
tPLH
tPHL
Propagation delay
S to Yn
74ALS158
Waveform 2, 4
4.0
4.0
12.0
12.0
ns
tPLH
tPHL
Propagation delay
E to Yn
Waveform 4
4.0
4.0
14.0
14.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
tPHL
tPLH
I0n, I1n, S
Yn, Yn
SC00059
Waveform 1.
Propagation Delay for Data and Select to Output
VM
VM
VM
VM
tPLH
tPHL
I0n, I1n, S
Yn, Yn
SC00060
Waveform 2.
Propagation Delay for Data and Select to Output
VM
VM
VM
VM
tPHL
tPLH
E, S
Yn, Yn
SC00061
Waveform 3.
Propagation Delay for Enable and
Select to Output
VM
VM
VM
VM
tPLH
tPHL
E, S
Yn, Yn
SC00062
Waveform 4.
Propagation Delay for Enable and
Select to Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com