Electronic Components Datasheet Search
  English  ▼

X  

W49 Datasheet(PDF) 9 Page - Ceramate Technical

Part # W49
Description  3-Phase Motor Driver for CD-ROMs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

W49 Datasheet(HTML) 9 Page - Ceramate Technical

Back Button W49 Datasheet HTML 3Page - Ceramate Technical W49 Datasheet HTML 4Page - Ceramate Technical W49 Datasheet HTML 5Page - Ceramate Technical W49 Datasheet HTML 6Page - Ceramate Technical W49 Datasheet HTML 7Page - Ceramate Technical W49 Datasheet HTML 8Page - Ceramate Technical W49 Datasheet HTML 9Page - Ceramate Technical W49 Datasheet HTML 10Page - Ceramate Technical W49 Datasheet HTML 11Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WAFER WIN
W49
3-Phase Motor Driver for CD-ROMs
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 9 of 11
Rev 1.1 May.9, 2002
(4)
Short brake
When 3.5V or more is applied to the short brake pin, the
upper-side output transistors of all go off, and the lower-
side output transistors go on. Short braking operates re-
gardless of the torque command signal.
(5)
Other circuits
When 3.5V or more is applied to the power save pin, all
circuits are on. When 1.5V or less is applied, the IC en-
ters power save mode. Also, the Hall bias pins turn on
and off with the power save pin.
FApplication example



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com