Electronic Components Datasheet Search
  English  ▼

X  

74ALS174D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS174D
Description  Hex D flip-flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS174D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS174D Datasheet HTML 1Page - NXP Semiconductors 74ALS174D Datasheet HTML 2Page - NXP Semiconductors 74ALS174D Datasheet HTML 3Page - NXP Semiconductors 74ALS174D Datasheet HTML 4Page - NXP Semiconductors 74ALS174D Datasheet HTML 5Page - NXP Semiconductors 74ALS174D Datasheet HTML 6Page - NXP Semiconductors 74ALS174D Datasheet HTML 7Page - NXP Semiconductors 74ALS174D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74ALS174
Hex D flip-flop
2
1991 Feb 08
853–1023 01670
FEATURES
• Four edge-triggered D flip-flops
• Buffered common clock
• Buffered asynchronous master reset
DESCRIPTION
The 74ALS174 has six edge-triggered D-type flip-flops with
individual D inputs and Q outputs. The common buffered clock (CP)
and master reset (MR) inputs load and reset (clear) all flip-flops
simultaneously.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
All Q outputs will be forced Low independent of clock or data inputs
by a Low voltage level on the MR input. The device is useful for
applications where true outputs only are required, and the clock and
master reset are common to all storage elements.
TYPE
TYPICAL
fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS174
70MHz
7mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q2
VCC
Q4
D3
Q3
D4
Q5
D5
MR
Q0
D2
D0
D1
Q1
9
8
GND
CP
SF00188
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS174N
SOT38-4
16-pin plastic SO
74ALS174D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D3
Data inputs
1.0/1.0
20
µA/0.1mA
CP
Clock Pulse input (active rising edge)
1.0/1.0
20
µA/0.1mA
MR
Master Reset input (active-Low)
1.0/1.0
20
µA/0.1mA
Q0 – Q5
Data outputs
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
Q2
Q3
Q4
Q5
710
12
15
34
6
VCC = Pin 16
GND = Pin 8
SF00189
Q1
5
Q0
2
9
1
CP
MR
D0
D1
D2
D3
D4
D5
11
13
14
IEC/IEEE SYMBOL
SF00190
3
1D
9
C1
1
R
4
6
11
13
14
2
5
7
10
12
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com