Electronic Components Datasheet Search
  English  ▼

X  

RA53 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RA53
Description  Cascadable Amplifier 1000 to 5000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RA53 Datasheet(HTML) 1 Page - Tyco Electronics

  RA53 Datasheet HTML 1Page - Tyco Electronics RA53 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
1000 to 5000 MHz
RA53 / SMRA53
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• AVAILABLE IN SURFACE MOUNT
• ULTRAWIDE BANDWIDTH: 0.8-5.0 GHz (TYP.)
• HIGH GAIN: 21.0 dB (TYP.)
• LOW NOISE: 4.5 dB (TYP.)
• MEDIUM OUTPUT POWER: +11.5 dBM (TYP)
Description
The RA53 microwave amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for accurate
performance and high reliability.
This two stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
800-5000
1000-5000
1000-5000
Small Signal Gain (min)
dB
21.0
19.5
18.0
Gain Flatness (max)
dB
±0.7
±0.9
±1.2
Noise Figure (max)
dB
4.5
5.3
5.8
Power Output
@ 1 dB comp. (min)
dBm
+11.5
+10.5
+9.5
VSWR Input / Output (max)
1.7:1
2.1:1
2.3:1
DC Current @ 5 Volts (max)
mA
115
140
150
Product Image
Ordering Information
Part Number
Package
RA53
TO-8B
SMRA53
Surface Mount
CRA53
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-64ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+6 V
Continuous Input Power
+7 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 sec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
97.8ºC/W
Transistor Power Dissipation Pd
0.176 W
Junction Temperature Rise
Above Case Tjc
17ºC
* Over temperature performance limits for part number CRA53, guaranteed from 0
oC to +50oC only.


Similar Part No. - RA53

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RA535KDET1EA APEX-ELECTRONICS-RA535KDET1EA Datasheet
728Kb / 2P
Rocker switches
RA535KDET1FA APEX-ELECTRONICS-RA535KDET1FA Datasheet
728Kb / 2P
Rocker switches
RA535KDET2EA APEX-ELECTRONICS-RA535KDET2EA Datasheet
728Kb / 2P
Rocker switches
RA535KDET2FA APEX-ELECTRONICS-RA535KDET2FA Datasheet
728Kb / 2P
Rocker switches
RA535KDET3EA APEX-ELECTRONICS-RA535KDET3EA Datasheet
728Kb / 2P
Rocker switches
More results

Similar Description - RA53

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
Teledyne Technologies I...
A2CP5021 TELEDYNE-A2CP5021 Datasheet
100Kb / 1P
1000 TO 5000 MHz COUGARPAK??AMPLIFIER
AC5079 TELEDYNE-AC5079 Datasheet
174Kb / 2P
100 TO 5000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com